|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
0R8GU41 TOSHIBA RECTIFIER SILICON DIFFUSED TYPE 0R8GU41 HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY) l Average Forward Current l Repetitive Peak Reverse Voltage l Reverse Recovery Time l Plastic Mold Type : IF (AV) = 0.8A (Ta = 40C) : VRRM = 400V : trr = 100ns (Max) Unit: mm MAXIMUM RATINGS (Ta = 25C) CHARACTERISTIC Repetitive Peak Reverse Voltage Average Forward Current (Ta = 40C) Peak One Cycle Surge Forward Current (Non-Repetitive) Junction Temperature Storage Temperature Range SYMBOL VRRM IF (AV) IFSM Tj Tstg RATING 400 0.8 30 (50Hz) 33 (60Hz) -40~150 -40~150 UNIT V A A C C JEDEC JEITA TOSHIBA Weight: 0.3g DO-41 3-3C1A ELECTRICAL CHARACTERISTICS (Ta = 25C) CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Forward Recovery Time Thermal Resistance Thermal Resistance SYMBOL VFM IRRM trr tfr Rth (j-a) Rth (j-) TEST CONDITION IFM = 1.0A VRRM = 400V IF = 1.0A, di / dt = -30A / s IF = 1.0A Junction to Ambient Junction to Lead MIN MAX 1.5 50 100 200 115 45 UNIT V A ns ns C / W C / W MARKING 1 2002-09-17 0R8GU41 2 2002-09-17 0R8GU41 RESTRICTIONS ON PRODUCT USE 000707EAA * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice. 3 2002-09-17 |
Price & Availability of 0R8GU41 |